PART |
Description |
Maker |
GS881Z18BD-133 GS881Z18BD-133I GS881Z18BD-150 GS88 |
133MHz 8.5ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 150MHz 7.5ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 166MHz 7ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 200MHz 6.5ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 225MHz 6ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 250MHz 5.5ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM
|
GSI Technology
|
GS882Z18AB-250 GS882Z18AB-133 GS882Z18AD-133 GS882 |
250MHz 5.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 133MHz 8.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 166MHz 7ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5s 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
LT1712 LT1712IGN LT1712CGN LT1711CMS8 LT1711 LT171 |
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO8 Dual 4.5ns Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16 Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16 Dual 4.5ns Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16 Dual, 4.5ns, 3V/5V/?V, Rail-to-Rail Comparator Single/Dual 4.5ns, 3V/5V/V, Rail-to-Rail Comparators Single/Dual 4.5ns, 3V/5V/±5V, Rail-to-Rail Comparators
|
Linear Technology, Corp. LINER[Linear Technology]
|
GS816273C-250 GS816273C-250I GS816273C-225 GS81627 |
18Mb Burst SRAMs 256K x 72 18Mb S/DCD Sync Burst SRAMs
|
GSI[GSI Technology]
|
GS8170DD18GC-333IT GS8170DD18C-333I GS8170DD18C-25 |
333MHz 1M x 18 18MB double data rate sigmaRAM SRAM 300MHz 1M x 18 18MB double data rate sigmaRAM SRAM 250MHz 1M x 18 18MB double data rate sigmaRAM SRAM 1M X 18 STANDARD SRAM, 1.6 ns, PBGA209
|
GSI TECHNOLOGY
|
GS816018CT-250I GS816018CGT-250I GS816018CT-333 GS |
18Mb Burst SRAMs 1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|
HYB25L512160AC-7.5 HYE25L512160AC-7.5 |
Specialty DRAMs - 512M (32Mx16) 133MHz 3-3-3 Specialty DRAMs - 512M (32Mx16)133MHz 3-3-3 Ext. Temp.
|
Infineon
|
MD5764802 MSM5718C50_MD5764802 MSM5764802 MSM5718C |
64Mb(8Mx8) concurrent RDRAM From old datasheet system (MSM5718C50 / MSM5764802) 18Mb (2M x 9) & 64Mb (8M x 8) Concurrent RDRAM 18Mb(2Mx9) concurrent RDRAM
|
OKI[OKI electronic componets] OKI electronic components
|
PZ5064-7A68 |
7.5ns; V(dd): -0.5 to 7.0V; 64 macrocell CPLD
|
Philips
|
GS840F18AT-8.5 |
8.5ns 256K x 18 4Mb sync burst SRAM
|
GSI Technology
|